PART |
Description |
Maker |
K4D28163HD |
2M x 16Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL Data Sheet
|
Samsung Electronic
|
HI-8685PST-10 HI-8685PJI HI-8685PJI-10 HI-8685PJT- |
System component for interfacing incoming ARINC 429 signals to 16-bit parallel data ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA 1 CHANNEL(S), SERIAL COMM CONTROLLER, PQCC28 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN ARINC 429 & 561 SerialDatato16-BitParallelData ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
|
Holt Integrated Circuit... HOLT INTEGRATED CIRCUITS INC Holt Integrated Circuits, Inc. http://
|
W631GG6KB-15 W631GG6KB12A W631GG6KB12I W631GG6KB12 |
Double Data Rate architecture: two data transfers per clock cycle
|
Winbond
|
M13L2561616A-2A |
Double-data-rate architecture, two data transfers per clock cycle
|
Elite Semiconductor Mem...
|
HI-8787 |
(HI-8787 / HI-8788) 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
|
Holt Integrated Circuits
|
M14D2561616A-2E |
Internal pipelined double-data-rate architecture; two data access per clock cycle
|
Elite Semiconductor Mem...
|
K4D263238M K4D263238M-QC45 K4D263238M-QC50 K4D2632 |
1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
RC288DPL RCV288DPL RC288DPI RC288DPI-D RC288DPL-D |
V.34 Data/V.17 Fax/Voice Modem Data Pumps
|
N.A. ETC[ETC]
|
ST7FDALIF2B6 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI (DATA BRIEFING)
|
SGS Thomson Microelectronics
|
HSP9501 |
Programmable Data Buffer(???绋??????插?) Data Buffer, Programmable, 32MHz, Data Word to 10-Bits
|
Intersil Corporation
|
AT-45DB081B 45DB081B |
AT-45DB081B DATA FLASH RELIABILITY DATA
|
Atmel Corp. ATMEL[ATMEL Corporation]
|